PART |
Description |
Maker |
IL422-3V |
Isolated 3Volt RS422/RS485 Interface
|
Electronic Theatre Controls, Inc. ETC[ETC] ANALOGICTECH[Advanced Analogic Technologies] List of Unclassifed Manufacturers
|
IL3222TR13 IL3285 IL3285E IL3285ETR13 IL3285TR13 I |
Fractional Load RS485 and RS422 Transceivers
|
http:// List of Unclassifed Manufacturers ETC[ETC]
|
LT1785HS8-PBF LT1785AHS8-PBF LT1785HS8-TR LT1785AH |
60V Fault Protected RS485/RS422 Transceivers
|
http:// Linear Technology
|
LT1785 LT1785A LT1785AC LT1785ACN8 LT1785ACS8 LT17 |
60V Fault Protected RS485/RS422 Transceivers
|
LINER[Linear Technology]
|
LTC2865 LTC2863-15 LTC2862-15 |
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
|
Linear Technology
|
LTC2851HS8TRPBF LTC2851CDDTRPBF LTC2852HSTRPBF LTC |
3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 14; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO14 3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C
|
Linear Technology, Corp. Glenair, Inc. LINEAR TECHNOLOGY CORP
|
LTC2851 LTC2850NBSP LTC2851IMSPBF |
LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver
|
LINEAR TECHNOLOGY CORP
|
ISOADA08 |
Isolated 4-20mA to RS485 Converter
|
SUNYUAN
|
IL3585 |
PROFIBUS Compatible Isolated RS485 Interface
|
NVE
|
TD100-EX-485-RE |
DETECTION SAFETY BARRIER RS485 INPUT RS485 OUTPUT
|
MORNSUN Science& Techno...
|